PART |
Description |
Maker |
HD74ALVC1G06 |
Standard IC>General-Purpose Logics>Uni-Logic 74ALVC 1G/2G Series>74ALVC1G Series
|
Renesas
|
HD74ALVC1G32 |
Standard IC>General-Purpose Logics>Uni-Logic 74ALVC 1G/2G Series>74ALVC1G Series
|
Renesas
|
HD74ALVC1G126VSE HD74ALVC1G126 |
Standard IC>General-Purpose Logics>Uni-Logic 74ALVC 1G/2G Series>74ALVC1G Series Bus Buffer Gate with 3-state Output
|
Renesas Electronics Corporation
|
HD74ALVC1G125VSE HD74ALVC1G125 |
Standard IC>General-Purpose Logics>Uni-Logic 74ALVC 1G/2G Series>74ALVC1G Series Bus Buffer Gate with 3-state Output
|
Renesas Electronics Corporation
|
5704-RC 5705-RC 5711-RC 5717-RC 5706-RC 5707-RC 57 |
CHOKE RF HI CURR 275UH 15% RAD 1 ELEMENT, 275 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 450 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 50 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:500uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4A; DC Resistance Max:0.12ohm; Leaded Process Compatible:Yes 1 ELEMENT, 500 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:25uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:9A; DC Resistance Max:0.012ohm; Leaded Process Compatible:Yes 1 ELEMENT, 25 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:75uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:5A; DC Resistance Max:0.04ohm; Leaded Process Compatible:Yes 1 ELEMENT, 75 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 800 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:150uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4.75A; DC Resistance Max:0.046ohm; Leaded Process Compatible:Yes 1 ELEMENT, 150 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 1250 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:1.6mH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:1.5A; DC Resistance Max:1.27ohm; Leaded Process Compatible:Yes 1 ELEMENT, 1600 uH, GENERAL PURPOSE INDUCTOR High Current Toroid Inductors
|
Bourns, Inc. Bourns Electronic Solutions Bourns Electronic Solut...
|
DQ1260 DQ1280 DQ7545 DQ6530 DQ6545 DQ7534 DQ1280-1 |
SMD Shielded Base Plate Power Inductor Series; Part Numbering Sequence 1 ELEMENT, 270 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 390 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 1 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 180 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 10 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 330 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 150 uH, GENERAL PURPOSE INDUCTOR, SMD
|
MACOM[Tyco Electronics] N.A. List of Unclassifed Man...
|
RC875XNP-151K RC875XNP-121K RC875XNP-101K RC-87535 |
1 ELEMENT, 10000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 330 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 47000 uH, GENERAL PURPOSE INDUCTOR POWER INDUCTORS Pin Type: RC Series POWER INDUCTORS , Pin Type: RC Series
|
Sumida Corporation
|
LC104 |
General Power Transformer , Pin Type: LC Series General Power Transformer Type: LC Series
|
Sumida Corporation
|
2205-H-RC 2202-V-RC 2218-H-RC 2215-V-RC 2208-H-RC |
Toroidal Inductor; Series:2200; Inductance:22uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:10.3A; DC Resistance Max:0.010ohm; Leaded Process Compatible:Yes 1 ELEMENT, 22 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:12uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:12A; DC Resistance Max:0.008ohm; Leaded Process Compatible:Yes 1 ELEMENT, 12 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:330uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:3.3A; DC Resistance Max:0.10ohm; Leaded Process Compatible:Yes 1 ELEMENT, 330 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:180uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:3.8A; DC Resistance Max:0.075ohm; Leaded Process Compatible:Yes 1 ELEMENT, 180 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:39uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:7.1A; DC Resistance Max:0.022ohm; Leaded Process Compatible:Yes 1 ELEMENT, 39 uH, GENERAL PURPOSE INDUCTOR High Current Toroid Inductors Horizontal or vertical mount Low cost Toroidal Inductor; Series:2200; Inductance:68uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4.9A; DC Resistance Max:0.046ohm; Leaded Process Compatible:Yes Toroidal Inductor; Series:2200; Inductance:560uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:2.2A; DC Resistance Max:0.21ohm; Leaded Process Compatible:Yes
|
Bourns, Inc. Bourns Electronic Solutions BOURNS INC Rohm Bourns Electronic Solut...
|
UPD17136B UPD17136BCT-XXX UPD17136BGT-XXX UPD17934 |
17K series 4B microcomputer on-chip ROM (2048x16), RAM(112x4) 0.9V operating portable DTS controller 17K series 4B microcomputer on-chip ROM (1024x16), RAM (112x4) Automobile DTS controller Small general-purpose/remote-control 4-bit single-chip microcontroller Small general-purpose/remote-control 4-bit SC microcontroller(OTP version) OTP version 4-bit single-chip microcontroller 4-bit microcomputer 17K series with on-chip OTPROM 4-bit single-chip microcomputer with ROM(4Kx16), RAM(110x4) MOS integrated circuit UPD17402 OTP version Car-mounted DTS controller 4-bit single-chip microcomputer 17K series with PLL synthesizer General-purpose compact 4b micropomputer with 4K PROM
|
NEC
|
|